PART |
Description |
Maker |
IDTQS32XVH245Q2 IDTQS32XVH245Q2G IDTQS32XVH245 QS3 |
3.3V 16-Bit Bus Switch for Hot Swap applications 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH CBT/FST/QS/5C/B SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO40
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
QS32XVH2245 IDTQS32XVH2245 IDTQS32XVH2245Q2 QS32XV |
3.3V 16-Bit Bus Switch for Hot Swap Applications QUICKSWITCH 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
|
IDT[Integrated Device Technology]
|
ADG3246BCP-U1 ADG3246BRU-U1 ADG3246BRUZ-REEL7 ADG3 |
2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch 2.5 V/3.3 V, 10 Bit, 2 Port Level Translator, Bus Switch; Package: LFCSP (4x4mm w/2.10mm EP); No of Pins: 24; Temperature Range: Industrial 3246 SERIES, 10-BIT DRIVER, TRUE OUTPUT, QCC24
|
Analog Devices, Inc.
|
74FST6800QS 74FST6800DW 74FST6800QSR 74FST3253QSR |
10-Bit Bus Switch with Precharged Outputs Dual 4:1 Multiplexer/Demultiplexer Bus Switch
|
ON Semiconductor
|
74LVTH322245EC 74LVTH322245 74LVTH322245EC518 74LV |
3.3 V 32-bit bus transceiver with 30 Ohm termination resistors; 3-state; Package: SOT536-1 (LFBGA96); Container: Tray Dry Pack, Bakeable, Multiple 3.3 V 32-bit bus transceiver with 30 Ohm termination resistors; 3-state; Package: SOT536-1 (LFBGA96); Container: Tape reel smd LVT SERIES, QUAD 8-BIT TRANSCEIVER, TRUE OUTPUT, PBGA96 3.3 V 32-bit bus transceiver with 30 W termination resistors; 3-state
|
NXP Semiconductors N.V.
|
FST162861MTDXNL FST162861_05 FST162861 FST162861MT |
20-Bit Bus Switch with 25W Series Resistors in Outputs CBT/FST/QS/5C/B SERIES, DUAL 10-BIT DRIVER, TRUE OUTPUT, PDSO48 20-Bit Bus Switch with 25ohm Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FSTU32160 FSTU32160MTDX |
16-Bit to 32-Bit Multiplexer/Demultiplexer Bus Switch with -2V Undershoot Protection From old datasheet system Bus Exchanger
|
Fairchild Semiconductor
|
PCA9558PW PCA9558 |
8-bit I2C-bus and SMBus I/O port with 5-bit multiplexed/1-bit latched 6-bit I2C-bus EEPROM DIP switch and 2-kbit EEPROM
|
NXP Semiconductors
|
NC7WZ00L8X NC7WBD3125 NC7WBD3125K8X NC7WBD3125L8XP |
TinyLogic. UHS 2-Bit Low Power Bus Switch with Level Shifting 微型逻辑。超高强2位低功耗总线电平转换开 TinyLogic. UHS 2-Bit Low Power Bus Switch with Level Shifting CBT/FST/QS/5C/B SERIES, DUAL 1-BIT DRIVER, TRUE OUTPUT, PDSO8
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FST162244 FST162244MTD |
16-Bit Bus Switch with 25 Series Resistor in Outputs Preliminary 16-Bit Bus Switch with 25???? Series Resistor in Outputs From old datasheet system 16-Bit Bus Switch with 25з Series Resistor in Outputs Preliminary
|
Fairchild Semiconductor
|